Part Number Hot Search : 
D0715 MM74C HJ644HLP MKP417 808CX D0715 NDA4116 RV681J
Product Description
Full Text Search
 

To Download SCA60CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SA5.0(C)(A) THRU SA170(C)(A)
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Features
* * * * * * * Glass passivated chip Low leakage Uni and Bidirectional unit Excellent clamping capability UL Recognized file # E331408 Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Fast Response Time
MECHANICAL DATA
* * * Case Material: Molded Plastic , UL Flammability Classification Rating : 94V-0 and MSL rating 1 Marking: Unidirectional-type number and cathode band Bidirectional-type number only Weight: 0.4 grams
DO-15
Maximum Ratings
Operating Temperature: -55 C to +175 C Storage Temperature: -55 C to +175 C For capacitive load, derate current by 20%
o o o o
D
A Cathode Mark B
Electrical Characteristics @ 25oC Unless Otherwise Specified
D
Peak Pulse P PPM 500W TA=25 oC Power Dissipation Peak Forward Surge IFSM 70A 8.3ms, half sine Current Maximum IFM =35A; VF Instantaneous 3.5V o* T J=25 C Forward Voltage Steady State Power P M(AV) 3.0w TL=75 oC Dissipation *Pulse test: Pulse width 300 usec, Duty cycle 1%
Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
DIM MIN A B C D 0.230 0.104 0.026 1.000 MAX 0.300 0.140 0.034 ----INCHES
C
DIMENSIONS MM NOTE MIN 5.80 2.60 0.70 25.40 MAX 7.60 3.60 0.90 -----
Revision: 10
www.mccsemi.com
1 of 4
2009/10/26
SA5.0(C)(A) THRU SA170(C)(A)
MCC PART NUMBER
MCC
TM
Micro Commercial Components
UNI-Polar
BI-Polar
Maxium REVERSE MAXIMUM PEAK REVERSE BREAKDOWN BREAKDOWN TEST LEAKAGE Temperature CLAMPING VOLTAGE PULSE STAND- OFF VOLTAGE CURRENT VOLTAGE @ VRWM Coefficient VBR(V) VBR(V) CURRENT VOLTAGE of V(BR) (mV/ IT (mA) @Ipp Vc(V) IR( A) MAX.@IT MIN.@IT Ipp (A) VRWM(V) )
SA5.0A SA5.0CA 5.0 6.40 SA6.0A SA6.0CA 6.0 6.67 SA6.5A SA6.5CA 6.5 7.22 SA7.0A SA7.0CA 7.0 7.78 SA7.5A SA7.5CA 7.5 8.33 SA8.0A SA8.0CA 8.0 8.89 SA8.5A SA8.5CA 8.5 9.44 SA9.0A SA9.0CA 9.0 10.00 SA10A SA10CA 10.0 11.10 SA11A SA11CA 11.0 12.20 SA12A SA12CA 12.0 13.30 SA13A SA13CA 13.0 14.40 SA14A SA14CA 14.0 15.60 SA15A SA15CA 15.0 16.70 SA16A SA16CA 16.0 17.80 SA17A SA17CA 17.0 18.90 SA18A SA18CA 18.0 20.00 SA20A SA20CA 20.0 22.20 SA22A SA22CA 22.0 24.40 SA24A SA24CA 24.0 26.70 SA26A SA26CA 26.0 28.90 SA28A SA28CA 28.0 31.10 SA30A SA30CA 30.0 33.30 SA33A SA33CA 33.0 36.70 SA36A SA36CA 36.0 40.00 SA40A SA40CA 40.0 44.40 SA43A SA43CA 43.0 47.80 SA45A SA45CA 45.0 50.00 SA48A SA48CA 48.0 53.30 SA51A SA51CA 51.0 56.70 SA54A SA54CA 54.0 60.00 SA58A SA58CA 58.0 64.40 SA60A SA60CA 60.0 66.70 SA64A SA64CA 64.0 71.10 SA70A SA70CA 70.0 77.80 SA75A SA75CA 75.0 83.30 SA78A SA78CA 78.0 86.70 SA85A SA85CA 85.0 94.40 SA90A SA90CA 90.0 100.00 SA100A SA100CA 100.0 111.00 SA110A SA110CA 110.0 122.00 SA120A SA120CA 120.0 133.00 SA130A SA130CA 130.0 144.00 SA150A SA150CA 150.0 167.00 SA160A SA160CA 160.0 178.00 SA170A SA170CA 170.0 189.00 For bidirectional type having Vrwm of 10 volts and For parts without A , the VBR is +/-10%
7.00 10 9.2 7.37 10 10.3 7.98 10 11.2 8.60 10 12 9.21 1 12.9 9.83 1 13.6 10.40 1 14.4 11.10 1 15.4 12.30 1 17 13.50 1 18.2 14.70 1 19.9 15.90 1 21.5 17.20 1 23.2 18.50 1 24.4 19.70 1 26 20.90 1 27.6 22.10 1 29.2 24.50 1 32.4 26.90 1 35.5 29.50 1 38.9 31.90 1 42.1 34.40 1 45.4 36.80 1 48.4 40.60 1 53.3 44.20 1 58.1 49.10 1 64.5 52.80 1 69.4 55.30 1 72.7 58.90 1 77.4 62.70 1 82.4 66.30 1 87.1 71.20 1 93.6 73.70 1 96.8 78.60 1 103 86.00 1 113 92.10 1 121 95.80 1 126 104.00 1 137 111.00 1 146 123.00 1 162 135.00 1 177 147.00 1 193 159.00 1 209 185.00 1 243 197.00 1 259 209.00 1 275 less, the IR limit is double.
55.4 49.5 45.5 42.5 39.5 37.5 35.4 33.1 30 28 25.6 23.7 22 20.9 19.6 18.5 17.5 15.7 14.4 13.1 12.1 11.2 10.5 9.6 8.8 7.9 7.3 7 6.6 6.2 5.9 5.4 5.3 5 4.5 4.2 4 3.7 3.5 3.1 2.9 2.6 2.4 2.1 2 1.9
600 600 400 150 50 25 10 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
5 5 5 6 7 7 8 9 10 11 12 13 14 16 17 19 20 23 25 28 30 31 36 39 41 46 50 52 56 61 65 70 71 76 85 91 95 103 110 123 133 146 158 184 196 208
Revision: 10
www.mccsemi.com
2 of 4
2009/10/26
SA5.0(C)(A) THRU SA170(C)(A)
MCC
TM
Micro Commercial Components
4
Revision: 10
www.mccsemi.com
3 of 4
2009/10/26
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP (Part Number)-AP (Part Number)-BP Packing Tape&Reel; 4Kpcs/Reel Ammo Packing;3Kpcs/AmmoBox Bulk;500pcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 10
4 of 4
2009/10/26
4


▲Up To Search▲   

 
Price & Availability of SCA60CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X